Part Number Hot Search : 
FN4450 ON0677 NJW1132A IRU313 CDBF42 NTS508 HCF4538 65NF06
Product Description
Full Text Search
 

To Download IXGN50N60BD2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFASTTM IGBT with HiPerFRED
Buck & boost configurations
IXGN 50N60BD2 IXGN 50N60BD3
VCES IC25 VCE(sat) tfi
= 600 V = 75 A = 2.5 V = 150 ns
...BD2
Symbol VCES VCGR VGES VGEM
IGBT
...BD3
Maximum Ratings 600 600 20 30 75 50 200 ICM = 100 @ 0.8 VCES 250 600 60 600 150 -40 ... +150 150 -40 ... +150 V V V V
4
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGE = 1 MW Continuous Transient TC = 25C TC = 90C TC = 25C, 1 ms
SOT-227B, miniBLOC E 153432
2 1
IC25 IC90 ICM
A A A A W V A A W C C C
IXGN50N60BD2 1 = Emitter; 2 = Gate 3 = Collector; 4 = Diode cathode
3
SSOA VGE= 15 V, TVJ = 125C, RG = 10 W (RBSOA) Clamped inductive load, L = 30 mH PC VRRM
Diode
TC = 25C TC = 70C; rectangular, d = 50% tP z<10 ms; pulse width limited by TJ TC = 25C
IXGN50N60BD3 1 = Emitter/Diode Cathode; 2 = Gate 3 = Collector; 4 = Diode anode
IFAVM IFRM PD TJ TJM Tstg
Features * International standard package miniBLOC * Aluminium nitride isolation - high power dissipation * Isolation voltage 3000 V~ * Very high current, fast switching IGBT & FRED diode * MOS Gate turn-on - drive simplicity * Low collector-to-case capacitance * Low package inductance (< 10 nH) - easy to drive and to protect * Molding epoxies meet UL 94 V-0 flammability classification Applications * * * * AC motor speed control DC servo and robot drives DC choppers Buck converters
Case
Md Weight
Mounting torque Terminal connection torque (M4)
1.5/13 Nm/lb.in. 1.5/13 Nm/lb.in. 30 300 g C
Maximum lead temperature for soldering 1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 TJ = 25C TJ = 125C 5 200 1 100 2.5 V V mA mA nA V
BVCES VGE(th) ICES IGES VCE(sat)
IC IC
= 250 mA, VGE = 0 V = 250 mA, VCE = VGE
VCE = 0.8 * VCES VGE = 0 V VCE = 0 V, VGE = 20 V IC = IC90, VGE = 15 V
Advantages * Easy to mount with 2 screws * Space savings * High power density
98502C (8/99)
IXYS reserves the right to change limits, test conditions, and dimensions.
(c) 2000 IXYS All rights reserved
1-5
IXGN 50N60BD2 IXGN 50N60BD3
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 35 50 4100 VCE = 25 V, VGE = 0 V, f = 1 MHz 290 50 110 IC = IC90, VGE = 15 V, VCE = 0.5 VCES Inductive load, TJ = 25C IC = IC90, VGE = 15 V, L = 100 mH, VCE = 0.8 VCES, RG = Roff = 2.7 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG Inductive load, TJ = 125C IC = IC90, VGE = 15 V, L = 100 mH VCE = 0.8 VCES, RG = Roff = 2.7 W Remarks: Switching times may increase for VCE (Clamp) > 0.8 * VCES, higher TJ or increased RG 30 35 50 50 110 150 3.0 50 60 3.0 200 250 4.2 250 220 4.0 S pF pF pF nC nC nC ns ns ns ns mJ ns ns mJ ns ns mJ 0.50 K/W 0.05 K/W
M4 screws (4x) supplied
Dim. A B C D E F G H J K L M N O P Q R S T U Millimeter Min. Max. 31.50 7.80 4.09 4.09 4.09 14.91 30.12 38.00 11.68 8.92 0.76 12.60 25.15 1.98 4.95 26.54 3.94 4.72 24.59 -0.05 31.88 8.20 4.29 4.29 4.29 15.11 30.30 38.23 12.22 9.60 0.84 12.85 25.42 2.13 5.97 26.90 4.42 4.85 25.07 0.1 Inches Min. Max. 1.240 0.307 0.161 0.161 0.161 0.587 1.186 1.496 0.460 0.351 0.030 0.496 0.990 0.078 0.195 1.045 0.155 0.186 0.968 -0.002 1.255 0.323 0.169 0.169 0.169 0.595 1.193 1.505 0.481 0.378 0.033 0.506 1.001 0.084 0.235 1.059 0.174 0.191 0.987 0.004
miniBLOC, SOT-227 B
gfs C ies Coes C res Qg Qge Qgc td(on) t ri td(off) tfi Eoff td(on) t ri Eon td(off) tfi Eoff RthJC RthCK
IC = IC90; VCE = 10 V, Pulse test, t 300 ms, duty cycle 2 %
Reverse Diode (FRED) Symbol IR VF IRM t rr RthJC Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) typ. max. 650 2.5 1.75 2.40 8.0 TJ = 25C 35 uA mA V V A ns 0.85 K/W
TVJ = 25C VR= VRRM TVJ = 150C IF = 60 A, TVJ = 150C Pulse test, t 300 ms, duty cycle d 2 % IF = IC90, VGE = 0 V, -diF/dt = 100 A/ms VR = 540 V IF = 1 A, -di/dt = 50 A/ms, VR = 30 V
TVJ = 25C
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-5
IXGN 50N60BD2 IXGN 50N60BD3
100
T J = 25C VGE = 15V 13V 11V 9V 7V
200 160
TJ = 25C
80
VGE = 15V 13V
11V
9V
IC - Amperes
60 40 20
5V
IC - Amperes
120
7V
80 40
5V
0 0 1 2 3 4 5
0
0
2
4
6
8
10
VCE - Volts
VCE - Volts
Fig. 1. Saturation Voltage Characteristics
100
1.6
T J = 125C V = 15V GE 13V 11V 9V
Fig. 2. Extended Output Characteristics
VGE = 15V
VCE (sat) - Normalized
80
1.4 1.2 1.0
IC = 25A IC = 50A
IC = 100A
IC - Amperes
60 40
7V
0.8 0.6 0.4 25
5V
20 0 0 1 2 3 4 5
50
75
100
125
150
VCE - Volts
T J - Degrees C
Fig. 3. Saturation Voltage Characteristics
100
VCE = 10V
Fig. 4. Temperature Dependence of VCE(sat)
10000
f = 1Mhz Ciss
80
Capacitance - pF
IC - Amperes
1000
60 40
TJ = 125C T J = 25C
100
Coss Crss
20 0 0 2 4 6 8 10
VGE - Volts
10 0 5 10 15 20 25 30 35 40 VCE-Volts
Fig. 5. Saturation Voltage Characteristics
Fig. 6. Junction Capacitance Curves
(c) 2000 IXYS All rights reserved
3-5
IXGN 50N60BD2 IXGN 50N60BD3
6
TJ = 125C
12
RG = 4.7
E(ON)
6 5
TJ = 125C E(ON) IC = 100A E(OFF)
12 10
5
E(ON) - millijoules
10
E(OFF) - milliJoules
E(OFF) - millijoules
4 3 2 1 0
0 20 40 60 80
E(OFF)
8 6 4 2 0 100
E(ON) - millijoules
4 3
E(ON)
8 6
IC = 50A
2 1 0
E(OFF) E(ON) IC =25A E(OFF)
4 2 0 60
0
10
20
30
40
50
IC - Amperes
RG - Ohms
Fig. 7. Dependence of EON and EOFF on IC.
20
IC =50A VCE = 250V
Fig. 8. Dependence of tfi and EOFF on RG.
600
100
15
IC - Amperes
VGE - Volts
dV/dt < 5V/ns
5
1
0 0 50 100 150 200 250 300
0.1 0 100 200 300 400 500
Qg - nanocoulombs
VCE - Volts
Fig. 9. Gate Charge
1
Fig. 10. Turn-off Safe Operating Area
ZthJC (K/W)
0.1
0.01
0.001 0.00001
0.0001
0.001
0.01
0.1
Pulse Width - Seconds
Fig. 11. Transient Thermal Resistance
(c) 2000 IXYS All rights reserved
10
10
TJ = 125C
RG = 5.2
1
4-5
IXGN 50N60BD2 IXGN 50N60BD3
160 A 140 IF 120 4000 nC 3000
TVJ= 100C VR = 300V
80 A 60
TVJ= 100C VR = 300V
TVJ= 25C
100
Qr 2000
TVJ=100C
80
IF=120A IF= 60A IF= 30A
IRM 40
IF=120A IF= 60A IF= 30A
TVJ=150C
60 40 20 0 0 1 VF 2 V 0 100 0 A/ms 1000 -diF/dt 0 200 400 600 A/ms 1000 800 -diF/dt 1000 20
Fig. 12 Forward current IF versus VF
Fig. 13 Reverse recovery charge Qr versus -diF/dt
140 ns 130
Fig. 14 Peak reverse current IRM versus -diF/dt
20 V VFR 15 4 s
2.0
TVJ= 100C VR = 300V
1.5 Kf 1.0
trr 120 110
VFR
3
tfr
tfr IF=120A IF= 60A IF= 30A
10
2
I RM
100 0.5 5 1
Qr
90 80 0 0 200 400 600 -diF/dt 800 A/ms 1000 0
0.0 0 40 80 120 C 160 TVJ
TVJ= 100C IF = 60A
200 400
0 600 A/ms 1000 800 diF/dt
Fig. 15 Dynamic parameters Qr, IRM versus TVJ
1 K/W 0.1 ZthJC 0.01
Fig. 16 Recovery time trr versus -diF/dt
Fig. 17 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.324 0.125 0.201 ti (s) 0.0052 0.0003 0.0385
0.001
0.0001 0.00001
DSEP 60-06A
0.0001
0.001
0.01
0.1 t
s
1
Fig. 18 Transient thermal resistance junction to case
(c) 2000 IXYS All rights reserved
5-5


▲Up To Search▲   

 
Price & Availability of IXGN50N60BD2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X